Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download SL1015002-L-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl12 5r004 ordering different lead types: for example: to order an inside kinked lead use part number sl12 5r004- a electrical specifications: mechanical specifications: csa file number: #ca118061 revision date: july 29, 2002 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 5.0 ? 15% max steady state current up to 65 c 4.0 a max recommended energy rating (joules) 25.0 j actual failure point of instantaneous energy (joules) 50.0 j resistance @ 100% of max current 0.150 ? resistance @ 50% of max current 0.300 ? body temperature @ 100% current rating 172 c dissipation constant 12.7mw/c thermal time constant 47 seconds max recommended capacitance @ 265vrms 350 f max voltage rating 265vrms d 12.0 0.5 mm t 5.1 0.2 mm lead diameter 0.8 0.1 mm s 7.8 2.0 mm l 38.0 9.0 mm straight leads coating run down 5.0 1.0 mm b 6.0 0.60 mm c 3.42 0.50 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1015002-L-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X